Part Number Hot Search : 
AP1520SA 5962F9 RT8288 12N6010 82RSB MAX1035 23080 67WFXXX
Product Description
Full Text Search
 

To Download HYB5118160BSJ-50- Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1M x 16-Bit Dynamic RAM 1k Refresh (Fast Page Mode)
Advanced Information * 1 048 576 words by 16-bit organization * 0 to 70 C operating temperature * Fast Page Mode operation * Performance: -50 -60 60 15 30 104 40 ns ns ns ns ns
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60
tRAC tCAC tAA tRC tPC
RAS access time CAS access time Access time from address Read/Write cycle time Fast page mode cycle time
50 13 25 84 35
* Power Dissipation, Refresh & Addressing: HYB5118160 -50 Power Supply Addressing Refresh Active TTL Standby CMOS Standby 715 11 5.5 -60 5 V 10 % 10/10 632 HYB3118160 -50 -60 3.3 V 0.3 V 10/10 468 7.2 3.6 414 mW mW mW
1024 cycles / 16 ms
* Read, write, read-modify-write, CAS-before-RAS refresh, RAS-only refresh and hidden refresh * All inputs, outputs and clocks fully TTL (5 V versions) and LV-TTL (3.3 V version)-compatible * Plastic Package: P-SOJ-42-1 400 mil
Semiconductor Group
1
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
The HYB 5(3)118160 are 16 MBit dynamic RAMs based on die revisions "G" & "F" and organized as 1 048 576 words by 16-bits. The HYB 5(3)118)160 utilizes a submicron CMOS silicon gate process technology, as well as advanced circuit techniques to provide wide operating margins, both internally and for the system user. Multiplexed address inputs permit the HYB 5(3)118160 to be packaged in a standard SOJ-42 plastic package with 400 mil width. This package provide high system bit densities and is compatible with commonly used automatic testing and insertion equipment. Ordering Information Type HYB 5118160BSJ-50 HYB 5118160BSJ-60 HYB 3118160BSJ-50 HYB 3118160BSJ-60 Pin Names HYB 5(3)118160 Row Address Inputs Column Address Inputs Row Address Strobe Upper Column Address Strobe Lower Column Address Strobe Output Enable Data Input/Output Read/Write Input Power Supply Ground (0 V) Not Connected A0 - A9 A0 - A9 RAS UCAS LCAS OE I/O1 - I/O16 WE Ordering Code Q67100-Q1072 Q67100-Q1073 on request on request Package P-SOJ-42-1 400 mil P-SOJ-42-1 400 mil P-SOJ-42-1 400 mil P-SOJ-42-1 400 mil Descriptions 5V 5V 50 ns FPM-DRAM 60 ns FPM-DRAM
3.3 V 50 ns FPM-DRAM 3.3 V 60 ns FPM-DRAM
VCC VSS
N.C.
Semiconductor Group
2
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
P-SOJ-42 (400 mil)
V CC I/O1 I/O2 I/O3 I/O4 V CC I/O5 I/O6 I/O7 I/O8 N.C. N.C. WE RAS N.C. N.C. A0 A1 A2 A3 V CC
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 42 V SS 41 I/O16 40 I/O15 39 I/O14 38 I/O13 37 V SS 36 I/O12 35 I/O11 34 I/O10 33 I/O9 32 N.C. 31 LCAS 30 UCAS 29 OE 28 A9 27 A8 26 A7 25 A6 24 A5 23 A4 22 V SS
SPP02812
Pin Configuration
Semiconductor Group
3
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
I/O1 I/O2 . . . I/O16 ...
Data In Buffer WE UCAS LCAS & 16
Data Out Buffer 16
OE
No.2 Clock Generator
10 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 10
Column Address Buffers (10)
10
Column Decoder
Refresh Controller
Sense Amplifier I/O Gating 1024 x 16
16
Refresh Counter (10) 10 Row Address Buffers (10) 10 Row Decoder . . . 1024 . . .
Memory Array 1024 x 1024 x 16
. . .
. . .
RAS
No.1 Clock Generator Voltage Down Generator
V CC V CC (internal)
SPB02826
Block Diagram for HYB 5118160BSJ
Semiconductor Group
4
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
Absolute Maximum Ratings Operating temperature range ........................................................................................... 0 to 70 C Storage temperature range........................................................................................ - 55 to 150 C Input/output voltage (5 V versions) .................................................... - 0.5 to min (VCC + 0.5, 7.0) V Input/output voltage (3.3 V versions) ................................................. - 0.5 to min (VCC + 0.5, 4.6) V Power supply voltage (5 V versions) ....................................................................... - 1.0 V to 7.0 V Power supply voltage (3.3 V versions) .................................................................... - 1.0 V to 4.6 V Power dissipation (5 V versions) ............................................................................................. 1.0 W Power dissipation (3.3 V versions) .......................................................................................... 0.5 W Data out current (short circuit) ................................................................................................ 50 mA
Note: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage of the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
DC Characteristics TA = 0 to 70 C, VSS = 0 V, tT = 2 ns Parameter 5 V Versions Power supply voltage Input high voltage Input low voltage Output high voltage (IOUT = - 5 mA) Output low voltage (IOUT = 4.2 mA) 3.3 V Versions Power supply voltage Input high voltage Input low voltage TTL Output high voltage (IOUT = - 2 mA) TTL Output low voltage (IOUT = 2 mA) CMOS Output high voltage (IOUT = - 100 A) CMOS Output low voltage (IOUT = 100 A) Symbol Limit Values min. max. 5.5 0.8 - 0.4 3.6 0.8 - 0.4 0.2 Unit Test Condition
VCC VIH VIL VOH VOL VCC VIH VIL VOH VOL VOH VOL
4.5 2.4 - 0.5 2.4 - 3.0 2.0 - 0.5 2.4 - -
V
1 1 1 1
VCC + 0.5 V
V V V V
VCC + 0.5 V
V V V V V
1 1 1 1
VCC - 0.2 -
Semiconductor Group
5
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
DC Characteristics (cont'd) TA = 0 to 70 C, VSS = 0 V, tT = 2 ns Parameter Symbol Limit Values min. max. Common Parameters Input leakage current (0 V VIH VCC + 0.3 V, all other pins = 0 V) Output leakage current (DO is disabled, 0 V VOUT VCC + 0.3 V) Average VCC supply current -50 ns version -60 ns version (RAS, CAS, address cycling: tRC = tRC MIN.) Standby VCC supply current (RAS = CAS = VIH) Unit Notes
II(L) IO(L) ICC1
- 10 - 10
10 10
A A
1
1
- -
130 115 2 130 115
mA mA mA mA mA
2, 3, 4 2, 3, 4
ICC2
- - -
-
2, 4 2, 4
Average VCC supply current, during RAS-only refresh ICC3 cycles -50 ns version -60 ns version (RAS cycling, CAS = VIH, tRC = tRC MIN.) Average VCC supply current, during fast page mode -50 ns version -60 ns version (RAS = VIL, CAS, address cycling: tPC = tPC MIN.) Standby VCC supply current (RAS = CAS = VCC - 0.2 V)
ICC4
- - 40 30 1 mA mA mA
2, 3, 4 2, 3, 4
ICC5
-
1
Average VCC supply current, during CAS-before-RAS ICC6 refresh mode -50 ns version -60 ns version (RAS, CAS cycling: tRC = tRC MIN.)
- -
130 115
mA mA
2, 4 2, 4
Semiconductor Group
6
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
Capacitance TA = 0 to 70 C, f = 1 MHz Parameter Input capacitance (A0 to A11) Input capacitance (RAS, UCAS, LCAS, WE, OE) I/O capacitance (I/O1 - I/O16) Symbol Limit Values min. max. 5 7 7 pF pF pF - - - Unit
CI1 CI2 CIO
AC Characteristics 5, 6 TA = 0 to 70 C, VCC = 5 V 10 % / VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Symbol min. Common Parameters Random read or write cycle time RAS precharge time RAS pulse width CAS pulse width Row address setup time Row address hold time Column address setup time Column address hold time RAS to CAS delay time RAS to column address delay time RAS hold time CAS hold time CAS to RAS precharge time Transition time (rise and fall) Refresh period for 1k-refresh version Read Cycle Access time from RAS Access time from CAS Access time from column address OE access time Limit Values -50 max. min. -60 max. Unit Note
tRC tRP tRAS tCAS tASR tRAH tASC tCAH tRCD tRAD tRSH tCSH tCRP tT tREF
90 30 50 13 0 8 0 10 18 13 13 50 5 3 -
- - 10k 10k - - - - 37 25 - - - 50 16
110 40 60 15 0 10 0 15 20 15 15 60 5 3 -
- - 10k 10k - - - - 45 30 - - - 50 16
ns ns ns ns ns ns ns ns ns ns ns ns ns ms
7
tRAC tCAC tAA tOEA
7
- - - -
50 13 25 13
- - - -
60 15 30 15
ns ns ns ns
8 ,9 8, 9 8, 10
Semiconductor Group
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
AC Characteristics (cont'd) 5, 6 TA = 0 to 70 C, VCC = 5 V 10 % / VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Symbol min. Column address to RAS lead time Read command setup time Read command hold time CAS to output in low-Z Output buffer turn-off delay Output buffer turn-off delay from OE Data to OE low delay CAS high to data delay OE high to data delay Write Cycle Write command hold time Write command pulse width Write command setup time Write command to RAS lead time Write command to CAS lead time Data setup time Data hold time Data to CAS low delay Read-Modify-Write Cycle Read-write cycle time RAS to WE delay time CAS to WE delay time Column address to WE delay time OE command hold time Fast Page Mode Cycle Fast page mode cycle time CAS precharge time Limit Values -50 max. min. - - - - - 13 13 - - - 30 0 0 0 0 0 0 0 15 15 -60 max. - - - - - 15 15 - - - ns ns ns ns ns ns ns ns ns ns
11 11 8 12 12 13 14 14
Unit Note
tRAL tRCS tRCH tCLZ tOFF tOEZ tDZO tCDD tODD
25 0 0 0 0 0 0 0 13 13
Read command hold time referenced to RAS tRRH
tWCH tWP tWCS tRWL tCWL tDS tDH tDZC
8 8 0 13 13 0 10 0
- - - - - - - -
10 10 0 15 15 0 10 0
- - - - - - - -
ns ns ns ns ns ns ns ns
16 16 13 15
tRWC tRWD tCWD tAWD tOEH
126 68 31 43 13
- - - - -
150 80 35 50 15
- - - - -
ns ns ns ns ns
15 15 15
tPC tCP
35 10
- -
40 10
- -
ns ns
Semiconductor Group
8
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
AC Characteristics (cont'd) 5, 6 TA = 0 to 70 C, VCC = 5 V 10 % / VCC = 3.3 V 0.3 V, tT = 5 ns Parameter Symbol min. Access time from CAS precharge RAS pulse width CAS precharge to RAS Delay Fast Page Mode Read-Modify-Write Cycle Fast page mode read-write cycle time CAS precharge to WE CAS-before-RAS Refresh Cycle CAS setup time CAS hold time RAS to CAS precharge time Write to RAS precharge time Write hold time referenced to RAS CAS-before-RAS Counter Test Cycle CAS precharge time Limit Values -50 max. min. 30 200k - - 60 35 -60 max. 35 200k - ns ns ns
7
Unit Note
tCPA tRAS tRHPC
- 50 30
tPRWC tCPWD
71 48
- -
80 55
- -
ns ns
tCSR tCHR tRPC tWRP tWRH
10 10 5 10 10
- - - - -
10 10 5 10 10
- - - - -
ns ns ns ns ns
tCPT
35
-
40
-
ns
Semiconductor Group
9
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
Notes All voltages are referenced to VSS. ICC1, ICC3, ICC4 and ICC6 depend on cycle rate. ICC1 and ICC4 depend on output loading. Specified values are measured with the output open. Address can be changed once or less while RAS = VIL. In the case of ICC4 it can be changed once or less during a fast page mode cycle (tPC). 5. An initial pause of 200 s is required after power-up followed by 8 RAS cycles of which at least one cycle has to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required. 6. AC measurements assume tT = 5 ns. 7. VIH (MIN.) and VIL (MAX.) are reference levels for measuring timing of input signals. Transition times are also measured between VIH and VIL. 8. Measured with a load equivalent to 100 pF and at VOH = 2.0 V (IOH = - 2 mA), VOL = 0.8 V (IOL = 2 mA). 9. Operation within the tRCD (MAX.) limit ensures that tRAC (MAX.) can be met. tRCD (MAX.) is specified as a reference point only: If tRCD is greater than the specified tRCD (MAX.) limit, then access time is controlled by tCAC. 10.Operation within the tRAD (MAX.) limit ensures that tRAC (MAX.) can be met. tRAD (MAX.) is specified as a reference point only: If tRAD is greater than the specified tRAD (MAX.) limit, then access time is controlled by tAA. 11.Either tRCH or tRRH must be satisfied for a read cycle. 12.tOFF (MAX.) and tOEZ (MAX.) define the time at which the outputs achieve the open-circuit condition and are not referenced to output voltage levels. 13.Either tDZC or tDZO must be satisfied. 14.Either tCDD or tODD must be satisfied. 15.tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS > tWCS (MIN.), the cycle is an early write cycle and the I/O pin will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (MIN.), tCWD > tCWD (MIN.), tAWD > tAWD (MIN.) and tCPWD > tCPWD (MIN.) , the cycle is a readwrite cycle and I/O pins will contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of the I/O pins (at access time) is indeterminate. 16.These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge in read-write cycles. 1. 2. 3. 4.
Semiconductor Group
10
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CSH t RCD
UCAS LCAS
t RSH t CAS
t CRP
VIH VIL t RAD t ASR VIH t ASC t CAH
t RAL t ASR
Column Row
Address
Row
VIL
t RAH t RCS t RRH t AA t OEA
t RCH
VIH
WE
VIL VIH
OE
VIL
t DZC t DZO t ODD
t CDD
I/O (Inputs)
VIH VIL t CAC t CLZ t OEZ
Valid Data OUT Hi Z
t OFF
VOH I/O (Outputs) V OL
Hi Z
t RAC
"H" or "L"
SPT03043
Read Cycle
Semiconductor Group
11
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CSH t RCD
UCAS LCAS
VIH VIL t RAD t ASR VIH t ASC t CAH
t RSH t CAS t RAL
t CRP
t ASR
Column Row
Address
Row
VIL
t RAH t WCS
t CWL t WP t WCH t RWL
VIH
WE
VIL
VIH
OE
VIL t DS
I/O (Inputs)
t DH
VIH
Valid Data IN
VIL
Hi Z
VOH I/O (Outputs) V OL
"H" or "L"
SPT03044
Write Cycle (Early Write)
Semiconductor Group
12
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CSH t RCD
UCAS LCAS
VIH VIL t RAD t ASR VIH t ASC t CAH
t RSH t CAS t RAL
t CRP
t ASR
Column Row
Address
Row
VIL
t RAH
t CWL t RWL t WP
VIH
WE
VIL t OEH VIH
OE
VIL t DZO t DZC
I/O (Inputs)
t ODD t DS
t DH
VIH
Valid Data
VIL t CLZ t OEA t OEZ
VOH I/O (Outputs) V OL
Hi Z
Hi Z
"H" or "L"
SPT03045
Write Cycle (OE Controlled Write)
Semiconductor Group
13
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RWC t RAS VIH
RAS
VIL t CSH t RSH t RCD
UCAS LCAS
t RP t CAS t CRP
VIH VIL t ASR VIH t RAH t ASC
Column
t CAH t ASR
Row
Address
Row
VIL t RAD t AWD t CWD t RWD VIH
WE
t CWL t RWL t WP
VIL t RCS
t AA t OEA t OEH
VIH
OE
VIL
t DZC t DZO
t DS t DH
Valid Data IN
I/O (Inputs)
VIH VIL t CAC t CLZ t ODD t OEZ
Data OUT
VOH I/O (Outputs) V OL t RAC
"H" or "L"
SPT03046
Read-Write (Read-Modify-Write) Cycle
Semiconductor Group
14
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RASP VIH
RAS
VIL t PC t CAS t CP
UCAS LCAS
t RHCP t CAS t RSH t CAS
t RP t CRP
t RCD VIH VIL t RAH t ASR VIH
Address Row
t ASC
t CSH t CAH
t ASC
t CAH t ASC
t CAH
t ASR
Row
Column
Column
Column
VIL t RAD t RCS VIH
WE
t RCH t RCS t RCS t RRH
t RCH
VIL t RAC t AA t OEA VIH
OE
t CPA t AA t OEA
t CPA t AA t OEA
VIL
t DZC t DZO
t DZC t DZO t ODD
t DZC t DZO t ODD t ODD
t CDD
I/O (Inputs)
VIH VIL t OFF t OEZ t CAC t CLZ t CAC t CLZ
Valid Data OUT "H" or "L"
SPT03047
t OFF t OEZ t CAC t CLZ
Valid Data OUT
t OFF t OEZ
I/O (Outputs) V OL
VOH
Valid Data OUT
Fast Page Mode Read Cycle
Semiconductor Group
15
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RASP VIH
RAS
VIL t PC t CAS t RCD
UCAS LCAS
t RP t CAS t CP t RSH t CAS t CRP
VIH VIL t RAH t ASR VIH t ASC
Row
t RAL t CAH t ASC t CAH t ASC
Column
t CAH t ASR
Row
Address
Column
Column
VIL t RAD t WCS t CWL t WCH t WP VIH
WE
t WCS
t CWL t WCH t WP
t WCS
t RWL t CWL t WCH t WP
VIL VIH
OE
VIL t DS
I/O (Inputs)
t DH
Valid Data IN
t DS
t DH
Valid Data IN Hi Z
t DS
t DH
Valid Data IN
VIH VIL
VOH I/O (Outputs) V OL
"H" or "L"
SPT03048
Fast Page Mode Early Write Cycle
Semiconductor Group
16
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RAS VIH
RAS
VIL t CSH t CP t RCD t CAS t PRWC t CAS t CAS t RSH t CRP t RP
UCAS LCAS
VIH VIL t ASR VIH t RAD t RAH t ASC
Row
t CAH
t CAH t ASC
Column
t RAL t CAH t ASC
Column
t ASR
Row
Address
VIL
Column
t RWD t CWD t RCS VIH
WE
t CWL
t CPWD t CWD
t CWL
t CPWD t CWD
t RWL t CWL
VIL t AA
t AWD t OEA t OEH t WP
t AWD t OEA t OEH t WP
t AWD t OEA t WP t OEH
VIH
OE
VIL t DZC t DZO t CLZ t ODD t DZC
Data IN
t CLZ t CPA
t CLZ t CPA
t ODD
Data IN
t DZC
t ODD
Data IN
VIH I/O (Inputs) V IL t CAC t RAC VOH I/O (Outputs) V
OL
t DH t DS t OEZ
Data OUT
t DH t AA t DS
t CAC t AA t OEZ
Data OUT
t DH t DS
t OEZ
Data OUT
"H" or "L"
SPT03049
Fast Page Mode Late Write and Read-Modify-Write Cycle
Semiconductor Group
17
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RAS VIH
RAS
t RP
VIL t CRP t RPC
UCAS LCAS
VIH VIL VIH t ASR t RAH t ASR
Row Row
Address
VIL VOH I/O (Outputs) V OL
Hi Z
"H" or "L"
SPT03050
RAS-only Refresh Cycle
Semiconductor Group
18
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RP VIH
RAS
t RAS
t RP
VIL t RPC t CP t CSR
UCAS LCAS
t CHR
t RPC
t CRP
VIH VIL t WRH t WRP VIH
WE
VIL VIH
OE
VIL t ODD
I/O (Inputs)
VIH VIL t CDD t OEZ
I/O (Outputs) V OL
VOH t OFF
Hi Z
"H" or "L"
SPT03051
CAS-before-RAS Refresh Cycle
Semiconductor Group
19
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RP t RAS t RAS
t RC t RP
VIH
RAS
VIL
t RCD t RSH t CHR t CRP VIH VIL t RAD t ASC t RAH t ASR VIH t CAH
Row Column
UCAS LCAS
t WRP t WRH t ASR
Row
Address
VIL VIH
WE
t RCS
t RRH
VIL t AA t OEA VIH
OE
VIL
t DZC t DZO
t CDD t ODD
I/O (Inputs)
VIH VIL t CLZ t RAC VOH
Valid Data OUT
t CAC t OEZ
t OFF
I/O (Outputs) V OL
Hi Z
"H" or "L"
SPT03053
Hidden Refresh Cycle (Read)
Semiconductor Group
20
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
t RC t RAS VIH
RAS
t RC t RP t RAS t RP
VIL t RCD
UCAS LCAS
t RSH
t CHR
t CRP
VIH VIL t RAD t ASC t RAH t ASR VIH t CAH
Row Column
t ASR
Row
Address
VIL
t WCS t WCH t WP t WRH t WRP
VIH
WE
VIL t DS t DH
I/O (Input)
VIN
Valid Data
VIL
Hi Z
VOH I/O (Output) V OL
"H" or "L"
SPT03054
Hidden Refresh Cycle (Early Write)
Semiconductor Group
21
1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
Read Cycle
VIH
RAS
t RAS
t RP
VIL t CHR t CSR
UCAS LCAS
t RSH t CP t CAS t RAL t CAH t ASC t ASR
Row
VIH VIL
VIH
Address Column
VIL VIH
WE
t WRP
t AA t CAC t OEA
t RRH
VIL VIH
OE
t WRH
t RCS
t RCH
VIL t DZC
I/O (Inputs)
t CDD t ODD t DZO t CLZ t OFF t OEZ
Data OUT
VIH VIL
I/O (Outputs) V OL
VOH t WCS t WRP t RWL t CWL t WCH t WRH VIH t DH
Write Cycle
VIH
WE
VIL
OE
VIL t DS
I/O (Inputs)
VIH
Data IN
VIL
Hi Z
VOH I/O (Outputs) V OL
"H" or "L"
SPT03055
CAS-before-RAS Refresh Counter Test Cycle Semiconductor Group 22 1998-10-01
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
Package Outlines Plastic Package P-SOJ-42-1 (SMD) (400mil) (Plastic small outline J-leaded)
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 23
Dimensions in mm 1998-10-01
GPJ05853
HYB 5118160BSJ-50/-60 HYB 3118160BSJ-50/-60 1M x 16 DRAM
Plastic Package P-TSOPII-50/44-1 (400 mil) (SMD) (Plastic Thin Small Outline Package (Type II))
0.10.05
155 10.160.13 2)
1 0.05
0.8 155 24x 0.8 = 19.2
3) 0.4 +0.05 -0.1
0.15 +0.06 -0.03
0.5 0.1 11.76 0.2
0.1 50x 0.2 M 50x
50
40 36
26
6 max
1
11 15 2.5 max 20.950.13 1)
25
GPX05958
Index Marking
1) 2)
Does not include plastic or metal protrusion of 0.15 max per side Does not include plastic protrusion of 0.25 max per side 3) Does not include dambar protrusion of 0.13 max per side
Sorts of Packing Package outlines for tubes, trays etc. are contained in our Data Book "Package Information". SMD = Surface Mounted Device Semiconductor Group 24
Dimensions in mm 1998-10-01


▲Up To Search▲   

 
Price & Availability of HYB5118160BSJ-50-

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X